Part Number Hot Search : 
67A42 4ACT118 PIC16F MSP43 3X221 FJY4004R X799E B8806
Product Description
Full Text Search
 

To Download VTA-6430A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPI || MIllIMeTer Wave CouPled CavITy TWT CPI 4CW50,000J
The VTA-6430A Series are a 500W CW Coupled-Cavity Traveling-Wave Tube covering 28.35-31.00 GHz (Ka-Band) with 1 GHz Instantanous bandwidth, Periodic-Permanent-Magnet Focused, WG-28 (compatible with UG-599/U) Waveguide Input, WG-28 (compatible with UG-599/U) Waveguide Output, and Conduction Cooled. This high-efficiency CC TWT is designed for use in satellite communication amplifers. Custom configurations are also available. These variations in the performance and configuration include: cooling method (affects average power level), mechanical conifguration, and electrical and rf connections.
Millimeter Wave Coupled Cavity TWT Series
MODEL NUMBER VTA-64390A1
FREQUENCY (GHZ) 30.0-31.0 GHz
POWER OUTPUT (Min.) 500 W CW
FeaTureS
TyPICal oPeraTING ParaMeTerS
Parameters Filament voltage Filament Current Focus electrode voltage Beam voltage Cathode Current Body Current Collector voltage No. 1 Collector voltage No. 2 Collector Current No. 1 Collector Current No. 2 Filament Warm-up Time eF If efe ew Ik Iw eb1 eb2 Ib1 Ib2 units vdc adc vdc kvdc madc madc %ew %ew ma ma min. Maximum 6.40 1.6 (Surge: 5.0) -6.3 14.5 350 6.0 36.0 13.5 100 350 3.0 Minimum 6.20 1.0 -100 13.5 ----34.0 11.5 -------
* 500 W CW * 28.35-31.00 GHz * 1 GHz Instantaneous Bandwidth * PPM Focusing * Waveguide Input and Output * Vertical or Horizontal Mounting Position * Weight: 10.0 lb. * Conduction Cooled
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. For information on this and other CPI products, visit our website at: www.cpii.com, or contact: CPI MPP Division, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 856-0705 | email: marketing@cpii.com
CPI || MIllIMeTer Wave CouPled CavITy TWT CPI 4CW50,000J
Millimeter Wave Coupled Cavity TWT Series
VTA-6430A1 Po (dBm)
58.00 57.80 57.60 57.40 Po (dBm) 57.20 57.00 56.80 56.60 56.40 56.20 56.00
0 0 0 0 0 0 0 0 0 00 00 00 00 00 00 00 00 00 0 .1 .5 .6 .0 .2 .3 .4 .7 .8 00 29 29 29 29 29 29 29 29 29 .9 29 30 .0 00 0
VTA-6430A1 Po (dBm)
Frequency (GHz)
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. For information on this and other CPI products, visit our website at: www.cpii.com, or contact: CPI MPP Division, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 856-0705 | email: marketing@cpii.com


▲Up To Search▲   

 
Price & Availability of VTA-6430A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X